Part Number Hot Search : 
PS9015GF 57M24 1003F 35V8X1 N74F598D 56MC56F FC105M50 MP1494
Product Description
Full Text Search
 

To Download SSH66XE34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www .cynergy3.com ? 2011 cynergy3 components, all rights reserved. specifications are subject to change without prior notice. cynergy3 components and the cynergy3 components logo are trademarks of cynergy3 components limited. i s o 9 0 0 1 s s h 6 6 x e 3 4 n 1 0 0 s s h 6 6 x e 3 4 n p c e r t i f i e d ssh66xe series switch for 3/4?npt external fitting cynergy3 components ltd. 7 cobham road ferndown industrial estate wimborne, dorset bh21 7pe t elephone +44 (0) 1202 897969 email:sales@cynergy3.com ssh66xe are externally mounted horizontal float switches with 3/4?npt thread..the float is of 316l stainless steel and the stem is of 304 stainless steel. these devices are easily mounted, using 3/4?npt , without needing internal access to the tank/vessel into which they are being fitted. these are available with either 1 metre flying leads or with a din43650 connector . the switch action may be reversed by mounting the device with the float able to move upwards away from the body , instead of the more normal downwards direction. mechanical dimensions stainless steel 316l float n/o or n/c switch action custom versions can be made for particular applications. please contact cynergy3 with your requirements. rsf40 compact internal tting side mounting oatswitch external mount (3/4?npt) operating t emperature to 120oc connection with din 43650 plug or 100cm wires t echnical specification mounting style external cable length - standard 100cm/plug mounting thread 3/4?npt cable size 17/0.10 - a wg22 float & stem material 316/304grade ss cable conductor material t inned copper maximum t emperature 120 o c cable sheath material xlpe maximum pressure 10 bar cable temperature rating 125oc float sg 0.7 sealing gasket not supplied minimum fluid sg 0.75 t ightening torque for fixing nut 2.0kg/cm electrical specificationcontact form n/o (n/c) switching power max v a 50 switching v oltage ac max v 300 switching v oltage dc max v 300 switching current max a 0.5 all ratings are for resistive load only . standard parts stem material float meterial max power leadouts SSH66XE34n100 304ss 316ss 50v a 100cm xlpe 17/0.1 SSH66XE34np 304ss 316ss 50v a din connector 29hex 1 1 . 5 m m 3/4?npt 2 0 . 5mm 14mm 3mm 4 7mm 4mm ? 1 7mm lea d w i r e 1m 15 o on 8mm 29hex 1 1 . 5 m m 3/4?npt 2 0 . 5mm 14mm 3mm 4 7mm 4mm ? 1 7mm 15 o on 8mm 8 3 4 mm 3 4 mm


▲Up To Search▲   

 
Price & Availability of SSH66XE34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X